PART |
Description |
Maker |
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
LTC1985-1.8 LTC1985ES5-1.8 LTC1985ES5-1.8PBF |
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Linear Technology, Corp. http://
|
LTC4210-1CS6 LTC4210-2IS6 LTC4210-2 LTC4210-1IS6 L |
From old datasheet system 2.7V to 16.5V, 6-Lead SOT-23 Hot Swap Controller in 6-Lead SOT-23 Package
|
LINER[Linear Technology]
|
EDI7P040FLE2402C15 EDI7P048FLE2402C15 EDI7P024FLE2 |
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 250MHz Differential Line Receivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Peripheral Miscellaneous Flash Memory Card 8 MB Through 64 MB (AMD Based)(8M字节-64M字节闪速存储器卡(基于AMD 450MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 670MHz Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 周边杂项 Super Sync Separator; Temperature Range: 0°C to 70°C; Package: 24-QSOP T&R 周边杂项 350MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 250MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 周边杂项 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
Bourns, Inc. Sumida, Corp. Vicor, Corp. Vishay Intertechnology, Inc. 3M Company Sanyo Electric Co., Ltd.
|
PN1009 PN1010 PN1011 PN1072 PN1073 PN1074 PN1000 |
17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C 17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C Micropower, Low Voltage Comparator with 400mV Reference; Package: DFN; No of Pins: 3; Temperature Range: -40°C to 85°C Micropower, Low Voltage Comparator with 400mV Reference; Package: DFN; No of Pins: 3; Temperature Range: -40°C to 85°C 接口IC
|
Fairchild Semiconductor, Corp.
|
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC1981ES5TRMPBF |
Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
SOT-89-3L |
SOT-89-3L PACKAGE OUTLINE DIMENSIONS SOT-89-3L PACKAGE OUTLINE DIMENSIONS
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
LTC4251 LTC4251-1CS6TR |
Negative Voltage Hot Swap Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AM27C010-150EI AM27C010-200EI AM27C010-255EI AM27C |
x8 EPROM Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower, Low Voltage, Dual Comparator with 400mV Reference; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 3.3V Single Supply Video Difference Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
差分放大
|
LTC4210-1CS6 LTC4210-2IS6 LTC4210-2CS6 LTC4210-2CS |
Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Microprocessor Crystal; Frequency:32.768MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
|
Linear Technology, Corp. Linear Technology Corporation
|
898-3-R220F 898-3-R330F 898-3-R47KF 898-1-R220F 89 |
1MSPS, 12-Bit ADC in 6 Lead SOT-23; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial 双列直插厚膜电阻网络 Dual, Low Noise, Single-Supply Variable Gain Amplifier; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 双列直插厚膜电阻网络 16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 双列直插厚膜电阻网络 Miniature Switch, High Precision 双列直插厚膜电阻网络 Dual-In-Line Thick Film Resistor Networks 双列直插厚膜电阻网络
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|